PART |
Description |
Maker |
K7N803601B K7N803649B-QC25 DS_K7N803601B K7M801825 |
512Kx36 & 1Mx18 Pipelined NtRAM 256Kx36 & 512Kx18-Bit Flow Through NtRAM 256Kx36 & 512Kx18-Bit Pipelined NtRAMTM THERMISTOR, NTC; Series:B572; Thermistor type:NTC; Resistance:5R; Tolerance, resistance:20%; Beta value:2800; Temperature, lower limit, beta value:25(degree C); Temperature, upper limit, beta value:100(degree C); Case RoHS Compliant: Yes 256Kx36 & 512Kx18-Bit Pipelined NtRAM 256Kx36
|
http:// Samsung Electronic SAMSUNG[Samsung semiconductor] SAMSUNG SEMICONDUCTOR CO. LTD. Samsung Semiconductor Co., Ltd.
|
K7N801801M |
256Kx36 & 512Kx18 Pipelined NtRAMData Sheet
|
Samsung Electronic
|
GVT7C1356A |
(GVT7xxxx) 256Kx36/512Kx18 Pipelined SRAM With Nobltm Architecture
|
Cypress Semiconductor
|
K7B803625B K7B801825B |
256Kx36 & 512Kx18 Synchronous SRAM
|
Samsung semiconductor
|
DSK7A803600B K7A803600B K7A801800B DS_K7A803600B |
256Kx36 & 512Kx18 Synchronous SRAM
|
SAMSUNG SEMICONDUCTOR CO. LTD. Samsung Electronic SAMSUNG[Samsung semiconductor]
|
CY7C1380C-200AC CY7C1380C-200BGC CY7C1380C-167AC C |
Memory : Sync SRAMs PUSHBUTTON, METAL, FLAT, 22MM 5A; Switch function type:NC/NO Mom; Voltage, contact AC max:250V; Temp, op. max:55(degree C); Temp, op. min:-20(degree C); Diameter, panel cut-out:22.2mm; Length / Height, external:32mm; Dielectric RoHS Compliant: Yes 18-Mb (512K x 36/1M x 18) Pipelined SRAM 1M X 18 CACHE SRAM, 2.8 ns, PBGA165 18-Mb (512K x 36/1M x 18) Pipelined SRAM 1M X 18 CACHE SRAM, 2.6 ns, PBGA165 18-Mb (512K x 36/1M x 18) Pipelined SRAM 512K X 36 CACHE SRAM, 2.8 ns, PBGA165 18-Mb (512K x 36/1M x 18) Pipelined SRAM 512K X 36 CACHE SRAM, 3 ns, PQFP100 18-Mb (512K x 36/1M x 18) Pipelined SRAM 512K X 36 CACHE SRAM, 2.8 ns, PQFP100 18-Mb (512K x 36/1M x 18) Pipelined SRAM 512K X 36 CACHE SRAM, 3.4 ns, PQFP100
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
KM736V889 |
256Kx36 Synchronous SRAM(256Kx36位同步静RAM)
|
SAMSUNG SEMICONDUCTOR CO. LTD.
|
KM736V887 |
256Kx36 Synchronous SRAM(256Kx36位同步静RAM)
|
SAMSUNG SEMICONDUCTOR CO. LTD.
|
KM736V849 |
256Kx36-Bit No Turnaround SRAM(256Kx36位数据流无返回静RAM)
|
SAMSUNG SEMICONDUCTOR CO. LTD.
|
UPD42S16100LLA-A80 UPD42S16100LG3-A80-7JD UPD42S17 |
18-Mbit (512K x 36/1M x 18) Pipelined SRAM 18-Mbit DDR-II SIO SRAM 2-Word Burst Architecture 18-Mbit (512K x 36/1M x 18) Flow-Through SRAM 9-Mbit (256K x 32) Pipelined DCD Sync SRAM 9-Mbit (256K x 36/512K x 18) Pipelined DCD Sync SRAM 18-Mbit (512K x 36/1 Mbit x 18) Pipelined DCD Sync SRAM x1 Fast Page Mode DRAM x1快速页面模式的DRAM
|
TOKO, Inc. EPCOS AG
|